PART |
Description |
Maker |
7743G-1-016E |
ROTARY CODED SWITCH-16POSITIONS, BINARY CODED HEXADECIMAL, LATCHED, 0.1A, 16VDC, SURFACE MOUNT-STRAIGHT
|
BOURNS INC
|
94RB08CT |
Economical Binary Coded DIP Switches ROTARY CODED SWITCH-8POSITIONS, OCTAL, LATCHED, 0.03A, 30VDC, THROUGH HOLE-RIGHT ANGLE
|
Grayhill, Inc.
|
SRP-1211VDP1 SRP-2411VDP1 |
ROTARY CODED SWITCH-12POSITIONS, SP12T, LATCHED, 0.0005A, 5VDC, THROUGH HOLE-STRAIGHT ROTARY CODED SWITCH-24POSITIONS, SP24T, LATCHED, 0.0005A, 5VDC, THROUGH HOLE-STRAIGHT
|
MITSUMI ELECTRIC CO., LTD.
|
CD16RM0SK CD16RM0SKR CD16RM0CK |
ROTARY CODED SWITCH-16POSITIONS, HEXADECIMAL, LATCHED, 0.02A, 20VDC, SURFACE MOUNT-STRAIGHT ROTARY CODED SWITCH-16POSITIONS, HEXADECIMAL, LATCHED, 0.02A, 20VDC, THROUGH HOLE-STRAIGHT
|
ITT CANNON C & K COMPONENTS INC
|
C07-1153-200000 |
ROTARY CODED SWITCH-16POSITIONS, HEXADECIMAL, LATCHED, PANEL MOUNT
|
ELMA ELECTRONIC INC
|
EN11 EN11-HSB0AF20 EN11-HSB0AQ20 EN11-VNB0BF20 EN1 |
11mm Rotary Encoder 2 Bits Gray Code Incremental/Contacting Type Metal Bushing/Shaft Push-on Switch Option RoHS Compliant ROTARY CODED SWITCH-20POSITIONS, GRAY CODE, LATCHED, 0.01A, 5VDC, THROUGH HOLE-STRAIGHT 11mm Rotary Encoder 2 Bits Gray Code Incremental/Contacting Type Metal Bushing/Shaft Push-on Switch Option RoHS Compliant ROTARY CODED SWITCH-GRAY CODE, LATCHED, 0.01A, 5VDC, THROUGH HOLE-RIGHT ANGLE 11mm Rotary Encoder 2 Bits Gray Code Incremental/Contacting Type Metal Bushing/Shaft Push-on Switch Option RoHS Compliant ROTARY CODED SWITCH-GRAY CODE, LATCHED, 0.01A, 5VDC, THROUGH HOLE-STRAIGHT
|
BI Technologies Corporation BI Technologies, Corp.
|
C9404AA H9422PA |
ROTARY CODED SWITCH-4POSITIONS, DECIMAL, LATCHED, 20A, 28VDC, PANEL MOUNT
|
ARCOLECTRIC
|
56P36-01-2-05S-F 56P36-01-2-05N-C 56P36-01-2-05S-C |
ROTARY SWITCH-5POSITIONS, DP5T, LATCHED, 0.2A, THROUGH HOLE-STRAIGHT ROHS COMPLIANT ROTARY SWITCH-5POSITIONS, DP5T, LATCHED, 0.2A, 30VDC, THROUGH HOLE-STRAIGHT ROHS COMPLIANT 0.5 in Diameter, 200mA Single Deck Rotary Switch ROTARY SWITCH-4POSITIONS, DP4T, LATCHED, 0.2A, 30VDC, THROUGH HOLE-STRAIGHT ROTARY SWITCH-6POSITIONS, SP6T, LATCHED, 0.2A, 30VDC, THROUGH HOLE-STRAIGHT ROHS COMPLIANT 0.5 in Diameter, 200mA Single Deck Rotary Switch ROTARY SWITCH-5POSITIONS, SP5T, LATCHED, 0.2A, 30VDC, THROUGH HOLE-STRAIGHT 0.5 in Diameter, 200mA Single Deck Rotary Switch ROTARY SWITCH-3POSITIONS, SP3T, LATCHED, 0.2A, 30VDC, THROUGH HOLE-STRAIGHT 0.5 in Diameter, 200mA Single Deck Rotary Switch ROTARY SWITCH-9POSITIONS, SP9T, LATCHED, 0.2A, 30VDC, THROUGH HOLE-STRAIGHT 0.5 in Diameter, 200mA Single Deck Rotary Switch ROTARY SWITCH-9POSITIONS, SP9T, LATCHED, 0.2A, 30VDC, PANEL MOUNT ROTARY SWITCH-11POSITIONS, SP11T, LATCHED, 0.2A, 30VDC, THROUGH HOLE-STRAIGHT
|
Grayhill, Inc. GRAYHILL INC
|
RTAC30112SAD25S |
1-4 Poles Coded Rotary Switches
|
ITT Industries
|
75AP36-01-1-06N 75CP36-01-1-06N 75CF36-01-1-08N 75 |
0.3 in Diameter, 200mA Single Deck Rotary Switch ROTARY SWITCH-6POSITIONS, SP6T, LATCHED, 0.2A, 30VDC, THROUGH HOLE-STRAIGHT ROTARY SWITCH-6POSITIONS, SP6T, LATCHED, 0.2A, 30VDC, THROUGH HOLE-STRAIGHT ROHS COMPLIANT 0.3 in Diameter, 200mA Single Deck Rotary Switch ROTARY SWITCH-8POSITIONS, SP8T, LATCHED, 0.2A, 30VDC, THROUGH HOLE-STRAIGHT 0.3 in Diameter, 200mA Single Deck Rotary Switch ROTARY SWITCH-3POSITIONS, SP3T, LATCHED, 0.2A, 30VDC, THROUGH HOLE-STRAIGHT ROTARY SWITCH-5POSITIONS, SP5T, LATCHED, 0.2A, 30VDC, THROUGH HOLE-STRAIGHT
|
Grayhill, Inc. GRAYHILL INC
|
CRD10RM0AK CRD10CM0ABR CRD10CW1AB CRD10CL1SKR CRD1 |
10mm DIP Coded Rotary Switches
|
ITT[ITT Industries]
|
RTBH RTBH151BCBADD63K025S RTBH151BCBADD63K6025S RT |
1-2 Pole Coded Rotary Switches 1-2极编码旋转开
|
ITT Corporation ITT, Corp.
|
|